|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY Part Number: SC10-11GWA Green Features 1.02 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT. Description The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. Package Dimensions& Internal Circuit Diagram Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. SPEC NO: DSAD2309 APPROVED: WYNEC REV NO: V.8 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 1 OF 5 ERP: 1301000781 Selection Guide Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. SC10-11GWA Green (GaP) WHITE DIFFUSED 4700 Typ. 24000 Common Cathode, Rt. Hand Decimal. Description Note: 1. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Per Segment Or (DP) Reverse Current Per Segment Or (DP) Device Green Green Green Green Green Green Typ. 565 568 30 15 4.4 (2.2) 5.0 (2.5) 10 (10) Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=10V (VR=5V) Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Absolute Maximum Ratings at TA=25C Parameter Power dissipation Per Segment Or (DP) DC Forward Current Per Segment Or (DP) Peak Forward Current [1] Per Segment Or (DP) Reverse Voltage Per Segment Or (DP) Operating / Storage Temperature Lead Solder Temperature[2] Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. Green 125 (62.5) 25 (25) 140 (140) 10 (5) -40C To +85C 260C For 3-5 Seconds Units mW mA mA V SPEC NO: DSAD2309 APPROVED: WYNEC REV NO: V.8 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 2 OF 5 ERP: 1301000781 Green SC10-11GWA SPEC NO: DSAD2309 APPROVED: WYNEC REV NO: V.8 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 3 OF 5 ERP: 1301000781 SPEC NO: DSAD2309 APPROVED: WYNEC REV NO: V.8 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 4 OF 5 ERP: 1301000781 PACKING & LABEL SPECIFICATIONS SC10-11GWA SPEC NO: DSAD2309 APPROVED: WYNEC REV NO: V.8 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 5 OF 5 ERP: 1301000781 |
Price & Availability of SC10-11GWA |